công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HJR2845BLF bảng dữ liệu(PDF) 3 Page - Nisshinbo Micro Devices Inc.

tên linh kiện HJR2845BLF
Giải thích chi tiết về linh kiện  Ku-band PLL LNB
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NISSHINBO [Nisshinbo Micro Devices Inc.]
Trang chủ  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

HJR2845BLF bảng dữ liệu(HTML) 3 Page - Nisshinbo Micro Devices Inc.

  HJR2845BLF Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. HJR2845BLF Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. HJR2845BLF Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. HJR2845BLF Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. HJR2845BLF Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. HJR2845BLF Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. HJR2845BLF Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. HJR2845BLF Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. HJR2845BLF Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NJR2845 series
*Above Specifications are subject to change without notice.
Reference No.:
DS-R2845
Rev.:
01E
Sheet:
3
Scope
This LNB is designed for the low noise amplifier and block downconverter intended for the satellite
communication data downlink application in Ku-band. It is combined a 2-stage HEMT amplifier and a block
downconverter with a phase locked local oscillator (10 GHz, 10.25 GHz, 10.75 GHz, 11.25 GHz, or 11.3
GHz) which is synchronized with either internal high stability TCXO reference or external 10MHz reference.
The LNB receives an RF signal (Ku-band: frequency divided by region band from the 10.75 to 12.75
GHz) as input, downconverts from the RF signal to an IF signal (L-band: 950 to 1,700 MHz), and outputs
the IF signal. It is operated by +24 V DC power (range: +10 to +24 V) input.
The LNB comes in a single, weatherized housing rated for outdoor use, and has a WR-75 waveguide
flange with groove as RF input and an either an N-type or F-type female connector as IF output.
Fig.2 Functional Block Diagram
DC
RF
IF
IF Output:
RF Input:
950 to 1,450 MHz
10.95 to 11.7 GHz
950 to 1,500 MHz
11.2 to 11.7 GHz
or
11.7 to 12.2 GHz
950 to 1,700 MHz
12.2 to 12.75 GHz
REF
DC Input:
or
+10 to +24 V
12.25 to 12.75 GHz
Internal Reference Model
11.25 GHz
F-type, Female
WR-75
(HEMTs)
Filter
Mixer
Coaxial Connector
Waveguide
AMP.
10.25 GHz
N-type, Female
or
X'tal
PLO
AMP.
Filter
10 GHz
10.75 GHz
or
11.3 GHz
DC Power
Supply
Multi-
plexer
DC
RF
IF
IF Output:
RF Input:
REF
950 to 1,450 MHz
10.95 to 11.7 GHz
950 to 1,500 MHz
11.2 to 11.7 GHz
or
11.7 to 12.2 GHz
950 to 1,700 MHz
12.2 to 12.75 GHz
Reference (REF):
or
10 MHz
12.25 to 12.75 GHz
DC Input:
+10 to +24 V
11.25 GHz
11.3 GHz
or
F-type, Female
PLO
Filter
10 GHz
10.25 GHz
WR-75
(HEMTs)
Filter
Mixer
10.75 GHz
or
External Reference Model
Coaxial Connector
Waveguide
AMP.
N-type, Female
Filter
AMP.
DC Power
Supply
Multi-
plexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com