công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SA6DFDF25W-50 bảng dữ liệu(PDF) 2 Page - Infinite Electronics International, Inc.

tên linh kiện SA6DFDF25W-50
Giải thích chi tiết về linh kiện  50 dB Fixed Attenuator 7/16 Female (Jack) to 7/16 Female (Jack) Up to 6 GHz Rated to 25 Watts, Heatsink Body, 1.3 VSWR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRVIEW [Infinite Electronics International, Inc.]
Trang chủ  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SA6DFDF25W-50 bảng dữ liệu(HTML) 2 Page - Infinite Electronics International, Inc.

  SA6DFDF25W-50 Datasheet HTML 1Page - Infinite Electronics International, Inc. SA6DFDF25W-50 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
2
© 2025 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
50 dB Fixed Attenuator 7/16 Female (Jack)
to 7/16 Female (Jack) Up to 6 GHz Rated to
25 Watts, Heatsink Body, 1.3 VSWR
SA6DFDF25W-50
Configuration
Design
Fixed, Bidirectional
Connectors
Description
Connector 1
Connector 2
Type
7/16 DIN Female
7/16 DIN Female
Contact Material and Plating
Brass, Silver
Brass, Silver
Contact Plating Specification
Gold
Silver
Outer Conductor Material and Plating
Brass, Silver
Hex Size
11/16 In.
11/16 In.
Body Material and Plating
Brass, Silver
Brass, Silver
Body Plating Specification
Passivated
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
50 dB Fixed Attenuator 7/16 Female (Jack) to 7/16 Female (Jack) Up to 6 GHz Rated to 25 Watts, Heatsink Body, 1.3 VSWR from Fairview
Microwave is in-stock and available to ship same-day. All of our RF/microwave products are available off-the-shelf from our ISO 9001:2008
certified facilities in Lewisville, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: 50 dB Fixed Attenuator 7/16 Female (Jack) to 7/16 Female (Jack)
Up to 6 GHz Rated to 25 Watts, Heatsink Body, 1.3 VSWR SA6DFDF25W-50
URL: https://www.fairviewmicrowave.com/50db-fixed-attenuator-7-16-female-7-16-female-25-watts-sa6dfdf25w-50-p.
aspx
The information contained within this document is accurate to the best of our knowledge and representative of the part described herein. It may be necessary to make modifications to
the part and/or the documentation of the part in order to impliment improvements. Fairview Microwave reserves the right to make such changes as required. Unless otherwise stated,
all specifications are nominal. Fairview Microwave does not make any representation or warranty regarding the suitability of the part described herein for any particular purpose, and
Fairview Microwave does not assume liability arising out of the use of any part or document.



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com