công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP60G06NF bảng dữ liệu(PDF) 3 Page - A POWER MICROELECTRONICS

tên linh kiện AP60G06NF
Giải thích chi tiết về linh kiện  60V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APME [A POWER MICROELECTRONICS]
Trang chủ  
Logo APME - A POWER MICROELECTRONICS

AP60G06NF bảng dữ liệu(HTML) 3 Page - A POWER MICROELECTRONICS

  AP60G06NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP60G06NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP60G06NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP60G06NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP60G06NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP60G06NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP60G06NF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP60G06NF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP60G06NF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP60G06NF
60V N+P-Channel Enhancement Mode MOSFET
AP60G06NF REV1.0
永源微電子科技有限公司
P-Electrical Characteristics (TJ=25
℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250µA
-60
-66
-
V
lGSS
Gate-body Leakage current
VDS=0V, VGS=±20V
-
-
±100
nA
IDSS
Zero Gate Voltage Drain CurrentTJ= 25°C
VDS=-60V, VGS=0V
-
-
-1
μA
Zero Gate Voltage Drain CurrentTJ= 100°C
-
-
-100
μA
VGS(th)
Gate-Threshold Voltage
VDS=VGS, ID=-250µA
-1.0
-1.6
-2.2
V
RDS(on)
Drain-Source On-Resistance4
VGS=-10V, ID=-10A
-
15
22
mΩ
VGS=-4.5V, ID=-6A
-
23
35
mΩ
gfs
Forward Transconductance4
VDS=-10V, ID=-10A
-
27
-
S
Ciss
Input Capacitance
VDS=-30V, VGS=0V,
f=1MHz
-
3050
-
pF
Coss
Output Capacitance
-
169
-
pF
Crss
Reverse Transfer Capacitance
-
143
-
pF
Rg
Gate Resistance
f=1MHz
-
4.8
-
Ω
Qg
Total Gate Charge
VGS=-10V, VDS=-30V,
ID=-10A
-
59
-
nC
Qgs
Gate-Source Charge
-
5.3
-
nC
Qgd
Gate-Drain Charge
-
8.8
-
nC
td(on)
Turn-On Delay Time
VGS=-10V, VDD=-30V,
RG=3Ω, ID=-10A
-
20
-
ns
tr
Rise Time
-
23
-
ns
td(off)
Turn-Off Delay Time
-
82
-
ns
tf
Fall Time
-
28
-
ns
VSD
Diode Forward Voltage4
IS=-10A, VGS=0V
-
-
-1.2
V
IS
Continuous Source Current
TC= 25°C
-
-
-70
A
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The power dissipation is limited by 175
℃ junction temperature
4、EAS condition: TJ=25
℃, VDD= -24V, VG= -10V, RG=7Ω, L=0.1mH, IAS= -29A
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com