công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP60G02NF bảng dữ liệu(PDF) 3 Page - A POWER MICROELECTRONICS

tên linh kiện AP60G02NF
Giải thích chi tiết về linh kiện  20V NP-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APME [A POWER MICROELECTRONICS]
Trang chủ  
Logo APME - A POWER MICROELECTRONICS

AP60G02NF bảng dữ liệu(HTML) 3 Page - A POWER MICROELECTRONICS

  AP60G02NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP60G02NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP60G02NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP60G02NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP60G02NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP60G02NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP60G02NF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP60G02NF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP60G02NF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP60G02NF
20V N+P-Channel Enhancement Mode MOSFET
AP60G02NF RVE1.0
永源微電子科技有限公司
P-Electrical Characteristics (TJ=25
℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V,ID= -250μA
-20
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = -20V, VGS = 0V,
-
-
-1
μA
IGSS
Gate to Body Leakage Current
VDS =0V, VGS = ±12V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= -250μA
-0.35
-0.65
-1.0
V
RDS(on)
Static Drain-Source on-Resistance note3
VGS =-4.5V, ID =-15A
-
6.8
8.5
mΩ
VGS =-2.5V, ID =-12A
-
8.9
10
Ciss
Input Capacitance
VDS =-10V, VGS =0V, f =
1.0MHz
-
4590
-
pF
Coss
Output Capacitance
-
505
-
pF
Crss
Reverse Transfer Capacitance
-
440
-
pF
Qg
Total Gate Charge
VDS =-10V, ID =-15A,
VGS =-4.5V
-
46
-
nC
Qgs
Gate-Source Charge
-
7.3
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
10
-
nC
td(on)
Turn-on Delay Time
VDD =-10V, ID =-14A,
RGEN=2.7Ω,
VGS =-10V
-
8
-
ns
tr
Turn-on Rise Time
-
59
-
ns
td(off)
Turn-off Delay Time
-
111
-
ns
tf
Turn-off Fall Time
-
43
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
-60
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
-240
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS =-20A
-
-
-1.2
V
trr
Reverse Recovery Time
TJ=25
℃,ISD=-15A,
VGS=0V di/dt=-100A/μs
-
18
-
ns
Qrr
Reverse Recovery Charge
-
7.7
-
nC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、EAS condition: TJ=25℃, VDD =-16V,V GS =-4.5V ,L=0.1mH,RG=25Ω,ID=25A
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com