công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

10072353 bảng dữ liệu(PDF) 6 Page - Amphenol Communications Solutions

tên linh kiện 10072353
Giải thích chi tiết về linh kiện  Minitek® Crimp-to-Wire
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOLCS [Amphenol Communications Solutions]
Trang chủ  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

10072353 bảng dữ liệu(HTML) 6 Page - Amphenol Communications Solutions

Back Button 10072353 Datasheet HTML 2Page - Amphenol Communications Solutions 10072353 Datasheet HTML 3Page - Amphenol Communications Solutions 10072353 Datasheet HTML 4Page - Amphenol Communications Solutions 10072353 Datasheet HTML 5Page - Amphenol Communications Solutions 10072353 Datasheet HTML 6Page - Amphenol Communications Solutions 10072353 Datasheet HTML 7Page - Amphenol Communications Solutions 10072353 Datasheet HTML 8Page - Amphenol Communications Solutions 10072353 Datasheet HTML 9Page - Amphenol Communications Solutions 10072353 Datasheet HTML 10Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.amphenol-cs.com
TARGET MARKETS
Minitek® Eject Latch Header
FEATURES
BENEFITS
§
Secure latching of cable connector
§
Easy ejection when required
§
Works with IDC connectors with or without strain relief
§
Low profile
Minitek® is Amphenol FCI’s brand for board-to-board and
cable/wire-to-board connectors in 2.00mm (0.079µin.)
pitch. Amphenol FCI is the leading supplier of this type of
modular system and continues to grow and expand it. A new
eject latch header is now being added to this series. This
header securely latches the receptacle in place and also
enables simple ejection. Four walled shielding protects pins
in unmated condition.
To prevent mismating, the eject latch header is equipped
with polarization keys. Recessed pins ensure proper
alignment, eliminate damage during mating, and maintain
high pin retention to the housing during repeated mating
cycles.
The eject latch header has a very compact product design.
It is made from thermoplastic compatible with reflow
applications. The latches are specifically designed to
minimize space requirements on the printed circuit board.
The part mates with the Minitek® IDC receptacle.
CABLE-TO-BOARD CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15