| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DCR1675SA bảng dữ liệu(PDF) 2 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
DCR1675SA bảng dữ liệu(HTML) 2 Page - Dynex Semiconductor |
|
2 / 8 page ![]() DCR1675SA 2/8 www.dynexsemi.com CURRENT RATINGS T case = 80˚C unless stated otherwise. Symbol Parameter Conditions Double Side Cooled I T(AV) Mean on-state current I T(RMS) RMS value I T Continuous (direct) on-state current Single Side Cooled (Anode side) I T(AV) Mean on-state current I T(RMS) RMS value I T Continuous (direct) on-state current Units Max. Half wave resistive load 2975 A - 4670 A - 4230 A Half wave resistive load 1920 A - 3015 A - 2510 A CURRENT RATINGS T case = 60˚C unless stated otherwise. Symbol Parameter Conditions Double Side Cooled I T(AV) Mean on-state current I T(RMS) RMS value I T Continuous (direct) on-state current Single Side Cooled (Anode side) I T(AV) Mean on-state current I T(RMS) RMS value I T Continuous (direct) on-state current Units Max. Half wave resistive load 3770 A - 5920 A - 5486 A Half wave resistive load 2476 A - 3889 A - 3333 A |