| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF-MSHT150KX bảng dữ liệu(PDF) 5 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-MSHT150KX bảng dữ liệu(HTML) 5 Page - Bourns Electronic Solutions |
|
5 / 7 page ![]() MF-MSHT Series – PTC Resettable Fuses Packaging Dimensions Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. MF-MSHT SERIES, REV. A, 01/21 160 (6.30) MIN. TRAILER 0.6 (.024) MAX. COVER TAPE 0.1 (.004) 4.00 ± 0.10 (.157 ± .004) 2.00 ± 0.05 (.079 ± .002) 40.0 ± 0.20 (1.575 ± .008) 10 SPROCKET HOLES 12.00 ± 0.30 (.472 ± .012) 10.25 (.404) TYP. 185 (7.28) DIA. MAX. 18.4* (.72) 50 (1.97) DIA. MIN. 5.50 ± 0.05 (.217 ± .002) 1.75 ± 0.10 (.069 ± .004) 5.90 (.232) MAX. 8.00 ± 0.10 (.315 ± .004) A0 K0 B0 1.50 +0.10/-0 (.059 +.004/-0) DIA. 12.4 +2.0/-0* (.049 +.008/-0) *MEASURED AT HUB MAX. MAX. 390 (15.35) MIN. LEADER NO COMPONENT COMPONENTS USER DIRECTION OF FEED DIMENSIONS: MM (INCHES) Model A0 B0 K0 MF-MSHT020KX ~ MF-MSHT075KX 3.66 ± 0.15 (.144 ± .006) 4.98 ± 0.10 (.196 ± .004) 0.95 ± 0.10 (.037 ± .004) MF-MSHT110KX 3.58 ± 0.10 (.141 ± .004) 4.93 ± 0.10 (.194 ± .004) 1.30 ± 0.10 (.051 ± .004) MF-MSHT125KX 3.50 ± 0.10 (.138 ± .004) 4.90 ± 0.10 (.193 ± .004) 1.80 ± 0.10 (.071 ± .004) MF-MSHT150KX ~ MF-MSHT175KX 3.70 ± 0.10 (.146 ± .004) 5.10 ± 0.10 (.201 ± .004) 1.50 ± 0.10 (.059 ± .004) |