| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2-PC bảng dữ liệu(PDF) 13 Page - TEKTRONIX, INC. |
|
|
|||||||||||||||||||||||||||||
2-PC bảng dữ liệu(HTML) 13 Page - TEKTRONIX, INC. |
|
13 / 30 page ![]() TekScope PC analysis software Get the analysis capability of an award-winning oscilloscope on your PC. Analyze waveforms anywhere, anytime. • Analyze waveforms anywhere without an oscilloscope using the same UI as the oscilloscope • Share data with colleagues and customers • Synchronize waveforms from multiple oscilloscopes on the same screen • Add advanced analysis capabilities such as spectrum analysis, jitter analysis, and advanced bus decoding. TekScope software on a PC Kickstart 2 Series MSO is compatible Kickstart software. Kickstart is a PC based application that enables quick setup and data collection across many types of bench instruments. It also offers a collection of tools for quick and easy interaction and analysis of data. • Connect and control up to 8 instruments at a time • Supports SMU's, DMM's, Power Supplies, Oscilloscopes, AFG's, Data loggers, and Senstive instruments • Automate data collection • Save and replicate test configurations • Plot collected data for a quick visual inspection of trends • Export data in different formats Kickstart multi-instrument controls and analysis 2 Series MSO Datasheet www.tek.com 13 |