| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2-SOURCE bảng dữ liệu(PDF) 4 Page - TEKTRONIX, INC. |
|
|
|||||||||||||||||||||||||||||
2-SOURCE bảng dữ liệu(HTML) 4 Page - TEKTRONIX, INC. |
|
4 / 30 page ![]() • Drag waveforms left/right or up/down to adjust horizontal and vertical position or to pan a zoomed view • Pinch and expand to change scale or zoom in/out in either horizontal or vertical directions • Swipe in from the right to reveal the results bar or down from the top to access the menus in the upper left corner of the display Interact with the capacitive touch display The simplified front panel retains critical buttons and knobs with color- coded LED ring lights allowing quick access and easy adjustment of the most frequently used instrument settings. The membrane switch technology makes it rugged and suitable for use in harsh environments and easy to clean. Simplified and intuitive front panel with color coded LED’s The combination of a streamlined front panel with an intuitive touch interface makes it easy for any new engineer to self-discover and begin using the instrument. An USB mouse and/or a keyboard is also supported and can be used as a third interaction method with the instrument. 2 Series MSO Datasheet www.tek.com 4 |