công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP30P10T bảng dữ liệu(PDF) 2 Page - A POWER MICROELECTRONICS

tên linh kiện AP30P10T
Giải thích chi tiết về linh kiện  -100V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APME [A POWER MICROELECTRONICS]
Trang chủ  
Logo APME - A POWER MICROELECTRONICS

AP30P10T bảng dữ liệu(HTML) 2 Page - A POWER MICROELECTRONICS

  AP30P10T Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30P10T Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30P10T Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30P10T Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30P10T Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30P10T Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30P10T Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP30P10PIT
-100V P-Channel Enhancement Mode MOSFET
AP30P10P/T RVE1.1
永源微電子科技有限公司
P-Channel Electrical Characteristics (TJ =25 ℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-100
---
---
V
RDS(ON)
Static Drain-Source On-Resistance2
VGS=-10V , ID=-10A
---
75
110
mΩ
VGS=-4.5V , ID=-8A
---
95
140
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-1.2
-1.7
-2.5
V
IDSS
Drain-Source Leakage Current
VDS=-100V , VGS=0V , TJ=25
℃
---
---
-50
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=-10V , ID=-10A
---
24
---
S
Qg
Total Gate Charge
VDS=-50V , VGS=-10V , ID=-20A
---
44.5
---
nC
Qgs
Gate-Source Charge
---
9.13
---
Qgd
Gate-Drain Charge
---
5.93
---
Td(on)
Turn-On Delay Time
VDD=-50V , VGS=-10V , RG=3.3 ,
ID=-10A
---
12
---
ns
Tr
Rise Time
---
27.4
---
Td(off)
Turn-Off Delay Time
---
79
---
Tf
Fall Time
---
53.6
---
Ciss
Input Capacitance
VDS=-20V , VGS=0V , f=1MHz
---
3029
---
pF
Coss
Output Capacitance
---
129
---
Crss
Reverse Transfer Capacitance
---
76
---
IS
Continuous Source Current1,5
VG=VD=0V , Force Current
---
---
-30
A
VSD
Diode Forward Voltage2
VGS=0V , IS=-1A , TJ=25
℃
---
---
-1.2
V
trr
Reverse Recovery Time
IF=-8A , di/dt=-100A/µs ,
TJ=25
℃
---
38.7
---
nS
Qrr
Reverse Recovery Charge
---
22.4
---
nC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is V DD =-72V,VGS =-10V,L=0.1mH,IAS =-19A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com