công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP30P15D bảng dữ liệu(PDF) 2 Page - A POWER MICROELECTRONICS

tên linh kiện AP30P15D
Giải thích chi tiết về linh kiện  -150V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APME [A POWER MICROELECTRONICS]
Trang chủ  
Logo APME - A POWER MICROELECTRONICS

AP30P15D bảng dữ liệu(HTML) 2 Page - A POWER MICROELECTRONICS

  AP30P15D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30P15D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30P15D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30P15D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30P15D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30P15D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30P15D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP30P15D
-150V P-Channel Enhancement Mode MOSFET
AP30P15D REV1.1
永源微電子科技有限公司
Electrical Characteristics (TJ =25 ℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250µA
-150
-
-
V
lGSS
Gate-body Leakage current
VDS = 0V, VGS = ±20V
-
-
±100
nA
IDSS TJ=25°C
Zero Gate Voltage Drain Current
VDS = -150V, VGS = 0V
-1
μA
IDSS TJ=100°C
-100
VGS(th)
Gate-Threshold Voltage
VDS = VGS, ID = -250µA
-2.0
-3.0
-4.0
V
RDS(on)
Drain-Source On-Resistance4
VGS = -10V, ID = -10A
-
95
135
mΩ
gfs
Forward Transconductance4
VDS = -10V, ID = -10A
-
47
-
S
Ciss
Input Capacitance
VGS =0V, VDS = -75V,
f =1MHz
-
4450
-
pF
Coss
Output Capacitance
-
89
-
Crss
Reverse Transfer Capacitance
-
75
-
Rg
Gate Resistance
f =1MHz
-
3.3
-
Ω
Qg
Total Gate Charge
VGS = -10V, VDS = -75V,
ID= -10A
-
86
-
nC
Qgs
Gate-Source Charge
-
8.5
-
Qgd
Gate-Drain Charge
-
18
-
td(on)
Turn-On Delay Time
VGS = -10V, VDD = -75V,
RG = 3Ω, ID = -10A
-
15
-
ns
tr
Rise Time
-
55
-
td(off)
Turn-Off Delay Time
-
85
-
tf
Fall Time
-
74
-
trr
Body Diode Reverse Recovery Time
IF = -10A, di/dt = -100A/µs
-
96
-
ns
Qrr
Body Diode Reverse Recovery
Charge
-
151
-
nC
VSD
Diode Forward Voltage4
IS = -10A, VGS = 0V
-
-
-1.2
V
IS
Continuous Source Current
TC=25°C
-
-
-22
A
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The EAS data shows Max. rating . The test condition is VDD =-50V,VGS =-10V,L=0.1mH,IAS =-10A
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as I D and I DM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com