| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF85263ATL/AX bảng dữ liệu(PDF) 80 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263ATL/AX bảng dữ liệu(HTML) 80 Page - NXP Semiconductors |
|
80 / 92 page ![]() NXP Semiconductors PCF85263A Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature MSL: Moisture Sensitivity Level Figure 51. Temperature profiles for large and small components For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 21 Footprint information sot096-1_fr occupied area solder lands Dimensions in mm placement accuracy ± 0.25 1.30 0.60 (8×) 1.27 (6×) 4.00 6.60 5.50 7.00 Figure 52. Footprint information for reflow soldering of SOT96-1 (SO8), PCF85263AT PCF85263A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 5 — 1 February 2021 80 / 92 |