| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPDDR4 bảng dữ liệu(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPDDR4 bảng dữ liệu(HTML) 15 Page - NXP Semiconductors |
|
15 / 31 page ![]() NXP Semiconductors UM11597 PCF2131-ARD evaluation board Figure 9. PCF2131-ARD daughterboard / IMXXRT1050 EVK board, during operation 6.1.2 Using PCF2131-ARD with LPCXpresso55S69 development board Figure 10 shows the required hardware for operation of the PCF2131-ARD and LPCXpresso55S69 EVK board. This configuration consists of: • One LPCXpresso55S69 EVK board • One PCF2131-ARD daughterboard • One USB-A / USB Micro-B cable • A PC with Windows 10 operating system The LPCXpresso55S69 development board is equipped with four USB Micro-B connectors: P5, P6, P9 and P10. The board can be powered through any USB port. Using P6 USB connector to connect the board to the PC simplifies the start-up operation because P6 is designated for debugging and the USB cable thus accomplishes two tasks at the same time: powering the board, and serving as a data link between the EVK board and PC. For more details regarding power-up and operation of the LPCXpresso55S69 development board, see the LPCXpresso55S69/LPCXpresso55S28 Development Board User Manual https://www.nxp.com/design/development-boards/lpcxpresso-boards/ lpcxpresso55s69-development-board:LPC55S69-EVK. UM11597 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. User manual Rev. 1.0 — 15 September 2021 15 / 31 |