| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2131TF bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2131TF bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 31 page ![]() NXP Semiconductors UM11597 PCF2131-ARD evaluation board Figure 13. PCF2131-ARD daughterboard / i.MX 8M Mini LPDDR4 EVK board operation 6.1.4 Using PCF2131-ARD with another Arduino device The PCF2131-ARD daughterboard can be operated with a different EVK board, which has an Arduino port. There are two options to connect the board: using an EVK equipped with an Arduino port, and an EVK without an Arduino port. In the first case, a firmware shall be developed according with PCF2131TF specifications, and then simply attach PCF2131-ARD daughterboard to the EVK, to operate the board. In the second case, using the pin chart of Arduino connectors (Table 1), make the necessary electrical connections (for power, I2C-bus or SPI-bus and interrupt control lines), and develop the desired firmware, assuring that is compliant with IC specifications. Use PCF2131TF datasheet to read details about internal registers of PCF2131TF and data exchange between internal controller and the EVK. Ensure the electrical connections are correct and avoid data conflicts on the signal lines to prevent IC damage. 6.1.5 Using PCF2131-ARD with Aardvark I2C/SPI Host Adapter The PCF2131-ARD evaluation board can be controlled with the Aardvark I2C/SPI host adapter from Total Phase. The daughterboard contains the dedicated Aardvark connector (J4), so the host adapter can be directly connected to the daughterboard through J4 header, as shown in Figure 14. The pin chart of J4 is detailed in Table 3. The Aardvark I2C/SPI host adapter, along with the software tools (dynamic linked library, control center API) from Total Phase represents a powerful tool to test and develop devices and systems which use I2C and SPI standard protocols. Note: The user must provide power through the USB connector (J5), or Arduino interface (J11), before operating the daughterboard with the Aardvark host adapter. In Figure 14 the power is provided through the USB connector. UM11597 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. User manual Rev. 1.0 — 15 September 2021 21 / 31 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |