công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF85263ATT1/A bảng dữ liệu(PDF) 15 Page - NXP Semiconductors

tên linh kiện PCF85263ATT1/A
Giải thích chi tiết về linh kiện  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/A bảng dữ liệu(HTML) 15 Page - NXP Semiconductors

Back Button PCF85263ATT1/A Datasheet HTML 11Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 12Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 13Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 14Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 15Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 16Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 17Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 18Page - NXP Semiconductors PCF85263ATT1/A Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Bit positions labeled as - are not implemented and return 0 when read.
Upper-digit (ten’s place)
Digit (unit place)
Address Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01h
Seconds
OS
0 to 5
0 to 9
02h
Minutes
EMON 0 to 5
0 to 9
03h
Hours_xx_xx_00 0 to 9
0 to 9
04h
Hours_xx_00_xx 0 to 9
0 to 9
05h
Hours_00_xx_xx 0 to 9
0 to 9
06h
not used
-
-
-
-
-
-
-
-
07h
not used
-
-
-
-
-
-
-
-
Table 11. Time registers in stop-watch mode (RTCM = 1)...continued
[1]
The 100th_seconds register is only available when the 100TH mode is enabled, see Section 7.13.1. When the 100TH
mode is disabled, this register always returns 0.
7.3.1 Setting and reading the time in stop-watch mode
Figure 12 shows the data flow and data dependencies starting from the 100 Hz clock tick.
During read operations, the time counting circuits (memory locations 00h through 07h)
are copied into an output register. The RTC continues counting in the background.
When reading or writing the time it is very important to make a read or write access in
one go, that is, setting or reading 100th_seconds through to HR_00_xx_xx should be
made in one single access. Failing to comply with this method could result in the time
becoming corrupted.
As an example, if the seconds value is set in one access and then in a following
access the minutes value is set, it is possible that the time increments between the two
accesses. A similar problem exists when reading. A roll-over may occur between reads
thus giving the seconds from one moment and the minutes from the next.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
15 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com