công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9600DPZ bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện PCA9600DPZ
Giải thích chi tiết về linh kiện  Dual bidirectional bus buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600DPZ bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button PCA9600DPZ Datasheet HTML 3Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 4Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 5Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 6Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 7Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 8Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 9Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 10Page - NXP Semiconductors PCA9600DPZ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
9 Characteristics
Tamb = -40 °C to +85 °C unless otherwise specified; voltages are specified with respect to GND with VCC = 2.5 V to 15 V
unless otherwise specified. Typical values are measured at VCC = 5 V and Tamb = 25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Power supply
VCC
supply voltage
operating
2.5
-
15
V
VCC = 5 V; buses HIGH
-
5.2
6.75
mA
ICC
supply current
VCC = 15 V; buses HIGH
-
5.5
7.3
mA
ΔICC
additional supply current
per TX/TY output driven
LOW; VCC = 5.5 V
-
1.4
3.0
mA
Bus pull-up (load) voltages and currents
Pins SX and SY; I2C-bus
VI
input voltage
open-collector; RX and RY HIGH
-
-
15
V
VO
output voltage
open-collector; RX and RY HIGH
-
-
15
V
IO
output current
static; VSX = VSY = 0.4 V
[1] 0.3
-
2
mA
IO(sink)
output sink current
dynamic; VSX = VSY = 1 V; RX
and RY LOW
7
15
-
mA
IL
leakage current
VSX = VSY = 15 V; RX and RY
HIGH
-
-
10
μA
Pins TX and TY
VO
output voltage
open-collector
-
-
15
V
Iload
load current
maximum recommended on
buffered bus; VTX = VTY = 0.4 V;
SX and SY LOW on I2C-bus =
0.4 V
-
-
30
mA
IO
output current
from buffered bus; VTX = VTY =
1 V; SX and SY LOW on I2C-bus
= 0.4 V
60
130
-
mA
IL
leakage current
on buffered bus; VTX = VTY = VCC
= 15 V; SX and SY HIGH
-
-
10
μA
Input currents
from I2C-bus on SX and SY
RX and RY HIGH or LOW; SX
and SY LOW ≤ 1 V
[1] -
-0.3
-1
mA
RX and RY HIGH; SX and SY
HIGH > 1.4 V
[1] -
-
10
μA
II
input current
from buffered bus on RX and RY;
SX and SY HIGH or LOW; VRX
= VRY = 0.4 V
[2] -
-1.5
-10
μA
IL
leakage current
on buffered bus input on RX and
RY; VRX = VRY = 15 V
-
-
10
μA
Output logic LOW level
Table 6. Characteristics
PCA9600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6.1 — 20 December 2021
7 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com