công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EP1084KB bảng dữ liệu(PDF) 5 Page - Eorex Corporation

tên linh kiện EP1084KB
Giải thích chi tiết về linh kiện  5A Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EOREX [Eorex Corporation]
Trang chủ  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1084KB bảng dữ liệu(HTML) 5 Page - Eorex Corporation

  EP1084KB Datasheet HTML 1Page - Eorex Corporation EP1084KB Datasheet HTML 2Page - Eorex Corporation EP1084KB Datasheet HTML 3Page - Eorex Corporation EP1084KB Datasheet HTML 4Page - Eorex Corporation EP1084KB Datasheet HTML 5Page - Eorex Corporation EP1084KB Datasheet HTML 6Page - Eorex Corporation EP1084KB Datasheet HTML 7Page - Eorex Corporation EP1084KB Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
eorex
EP1084
Jul. 2006
www.eorex.com
5/8
Functional Block Diagram
Current
Limit
Thermal
Shutdown
VOUT
FB
VIN
+
+-
+
1.25V
Introduction
The EP1084 adjustable Low Dropout (LDO) regulator is a 3 terminal device that can easily be
programmed with the addition of two external resistors to any voltages within the range of 1.25V to VIN
-1.4V. The EP1084 only needs 1.4V differential between VIN and VOUT to maintain output regulation. In
addition, the output voltage tolerances are also extremely tight and they include the transient response
as part of the specification. For example, Intel VRE specification calls for a total of
±100mV including
initial tolerance, load regulation and 0 to 5.0A load step.
The EP1084 is specifically designed to meet the fast current transient needs as well as providing an
accurate initial voltage, reducing the overall system cost with the need for fewer output capacitors.
Output Voltage Setting
The EP1084 can be programmed to any voltages in the range of 1.25V to VIN -1.4V with the addition of
R1 and R2 external resistors according to the following formula:
The EP1084 keeps a constant 1.25V between the output pin and the FB pin. By placing a resistor R1
across these two pins a constant current flows through R1, adding to the IFB current and into the R2
resistor producing a voltage equal to the (1.25/R1)*R2+IFB*R2 which will be added to the 1.25V to set the
output voltage. This is summarized in the above equation. Since the minimum load current requirement
of the EP1084 is 10mA, R1 is typically selected to be 121Ω resistor so that it automatically satisfies the
minimum current requirement. Notice that since IFB is typically in the range of 55uA it only adds a small
error to the output voltage and should only be considered when a very precise output voltage setting is
required. For example, in a typical 3.3V application where R1=121Ω and R2=200Ω the error due to IFB is
only 0.3% of the nominal set point.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com