| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZIOL2102 bảng dữ liệu(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZIOL2102 bảng dữ liệu(HTML) 49 Page - Renesas Technology Corp |
|
49 / 92 page ![]() ZIOL2xxx Datasheet © 2016 Integrated Device Technology, Inc. 49 April 26, 2016 3.3.10.3. Overload and Over-Temperature Configuration and Monitoring The ZIOL2xxx is dedicated to work in harsh industrial environments. Several situations can cause serious stress to the IC which may lead to partly or complete damage of the IC. In order to minimize the impact of physical stress the IC generates exceptions if the HV drivers exceed the configured current limits or if finally the die temperature exceeds a certain configured value (for more details refer to chapter 3.3.11). The status register MON_STAT[20] reflects all currently occurred exceptions. Status register MON_DEVICE_TEMP[19] allows reading of the current die temperature. |