| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAP5SD-A-G1-R bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SAP5SD-A-G1-R bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp |
|
7 / 67 page ![]() SAP51 / SAP5S Datasheet © 2016 Integrated Device Technology, Inc. 7 January 28, 2016 1 Please Read this First 1.1. Important Notice Important Safety Notice: This IDT product is intended for use in commercial applications. Applications requiring extended temperature range, unusual environmental requirements, or high reliability applications, such as military, medical life-support, or life-sustaining equipment, are specifically not recommended without additional mutually agreed upon processing by IDT for such applications. 1.2. Silicon Revision History Revision Date Technical Changes Affected Page in Datasheet B September 2005 First marketed silicon version. C March 2007 Modified IIL – current range for input low level. Table 5.5 on Page 28 C March 2007 Modified Delay Mode activation through parameter port P1. Page 33 C March 2007 Modified Synchronous Data I/O Mode activation through parameter port P2. Page 35 C March 2007 Modified Watchdog activation through parameter port P0. Page 46 C March 2007 Improved burst protection filter and improved ESD behavior. D August 2012 UART design corrections for End_Bit transmission error detection. Improved AS-i telegram pause detection. ! |