| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STP4N150 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP4N150 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 16 page ![]() Electrical characteristics STFV4N150 - STFW4N150 - STP4N150 - STW4N150 4/16 2 Electrical characteristics (TCASE=25°C unless otherwise specified) Table 5. On/off states Symbol Parameter Test conditions Min. Typ. Max. Unit V(BR)DSS Drain-source Breakdown voltage ID = 1 mA, VGS = 0 1500 V IDSS Zero gate voltage Drain current (VGS = 0) VDS = Max rating VDS = Max rating, TC = 125 °C 10 500 µA µA IGSS Gate-body leakage current (VDS = 0) VGS = ± 30 V ± 100 nA VGS(th) Gate threshold voltage VDS = VGS, ID = 250 µA 34 5 V RDS(on Static drain-source on resistance VGS = 10 V, ID = 2 A 57 Ω Table 6. Dynamic Symbol Parameter Test conditions Min. Typ. Max. Unit gfs (1) 1. Pulsed: pulse duration=300 µs, duty cycle 1.5% Forward transconductance VDS = 30 V, ID = 2 A 3.5 S Ciss Coss Crss Input capacitance Output capacitance Reverse transfer capacitance VDS = 25 V, f = 1 MHz, VGS = 0 1300 120 12 pF pF pF td(on) Tr td(off) tf Turn-on delay time Rise time Turn-off delay time Fall time VDD = 750 V, ID = 2 A, RG = 4.7 Ω, VGS = 10 V (see Figure 21) 35 30 45 45 ns ns ns ns Qg Qgs Qgd Total gate charge Gate-source charge Gate-drain charge VDD = 600 V, ID = 4 A, VGS = 10 V (see Figure 22) 30 10 9 50 nC nC nC |