công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

19418-0029.. bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện 19418-0029..
Giải thích chi tiết về linh kiện  MX150L™ Industrial Sealed Connector System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

19418-0029.. bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  19418-0029.. Datasheet HTML 1Page - Molex Electronics Ltd. 19418-0029.. Datasheet HTML 2Page - Molex Electronics Ltd. 19418-0029.. Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 07/28/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0194180029
Status:
Active
Overview:
MX150L™ Industrial Sealed Connector System
Description:
MX150L™ 16 Circuit Receptacle for 18-22 AWG Wire, with CPA
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Product Literature (PDF)
Packaging Specification PK-19418-001 (PDF)
Agency Certification
UL
E152602
General
Product Family
Crimp Housings
Series
19418
Application
Power, Wire-to-Board, Wire-to-Wire
Comments
IP67 rated; conforms to UL 1977. NOT suitable for
automotive applications with requirements such as
USCAR-2, USCAR-25, GMW3191, AK Testing, J2030,
Volvo Technology Requirements, and Toyota Connector
Spec (TCS)
Overview
MX150L™ Industrial Sealed Connector System
Product Literature Order No
987650-2181
Product Name
MX150L™
UPC
822348526482
Physical
Circuits (maximum)
16
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Net Weight
36.872/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.84mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
18.0A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-19418-001
Sales Drawing
SD-19418-007
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Contained Per -
ED/21/2016 (20 June
2016)
diethyl sulphate
propylene oxide
Acetamide, N-methyl-
dinoseb (ISO)
furan
C,C'-
azodi(formamide)
tricosafluorododecanoic
acid
heptacosafluorotetradecanoic
acid
methoxyacetic acid
1,2-diethoxyethane
henicosafluoroundecanoic
acid
sodium
peroxometaborate
pentacosafluorotridecanoic
acid
3-ethyl-2-methyl-2-
(3-methylbutyl)-1,3-
oxazolidi
Hydrazine
Disodium tetraborate
Boric acid
HBCDD
Trixylyl phosphate
4-(1,1,3,3-
tetramethylbutyl)phenol,
ethoxylated
Sodium perborate;
perboric acid, sodium
salt
#,#-Bis[4-
(dimethylamino)phenyl]-4
(phenylamino)


Số phần tương tự - 19418-0029..

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
19418-0029 MOLEX11-19418-0029 Datasheet
52Kb / 1P
MX150L??16 Circuit Receptacle for 18-22 AWG Wire, with CPA
More results

Mô tả tương tự - 19418-0029..

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
DSA321SD ETC2-DSA321SD Datasheet
156Kb / 1P
GPS / Industrial Radio system
logo
Advantech Co., Ltd.
PVS-640E ADVANTECH-PVS-640E Datasheet
109Kb / 2P
Advanced Industrial DVR System
logo
Molex Electronics Ltd.
0194360412 MOLEX4-0194360412 Datasheet
129Kb / 2P
MX150L??4 Circuit Rear Mount Flange Sealed
logo
C&K Components
NP8S2T103QE CK-COMPONENTS-NP8S2T103QE Datasheet
721Kb / 7P
Sealed Industrial Pushbutton Switch
logo
CONEC Elektronische Bau...
RJ45-IP67 CONEC-RJ45-IP67 Datasheet
2Mb / 28P
RJ45-IP67 Industrial Ethernet Connector System
logo
Bourns Electronic Solut...
RTR24DP103M BOURNS-RTR24DP103M Datasheet
124Kb / 1P
Multiturn / Wirewound / Industrial / Sealed
logo
Molex Electronics Ltd.
PS-34566-0000 MOLEX5-PS-34566-0000 Datasheet
853Kb / 8P
SEALED CONNECTOR SYSTEM MX123 QUAD ROW
349674001 MOLEX-349674001 Datasheet
759Kb / 12P
MINI50 SEALED RECEPTACLE CONNECTOR SYSTEM
10/16/2020
logo
C&K Components
NP CK-COMPONENTS-NP Datasheet
962Kb / 7P
Sealed Industrial Pushbutton Switch
4 May 20
logo
Molex Electronics Ltd.
MX150 MOLEX-MX150 Datasheet
2Mb / 5P
MX150 Sealed Connector System
2020
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com