công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320DM640 bảng dữ liệu(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320DM640
Giải thích chi tiết về linh kiện  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 bảng dữ liệu(HTML) 53 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 49Page - Texas Instruments TMS320DM640 Datasheet HTML 50Page - Texas Instruments TMS320DM640 Datasheet HTML 51Page - Texas Instruments TMS320DM640 Datasheet HTML 52Page - Texas Instruments TMS320DM640 Datasheet HTML 53Page - Texas Instruments TMS320DM640 Datasheet HTML 54Page - Texas Instruments TMS320DM640 Datasheet HTML 55Page - Texas Instruments TMS320DM640 Datasheet HTML 56Page - Texas Instruments TMS320DM640 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 179 page
background image
Pin Assignments
53
June 2003 − Revised October 2005
SPRS222E
Table 1−6. Terminal Functions (Continued)
SIGNAL
DESCRIPTION
IPD/
IPU‡
TYPE†
NAME
DESCRIPTION
IPD/
IPU‡
TYPE†
DM640
DM641
J2
J2
I/O/Z
—
K1
K1
I/O/Z
—
Pull down via a 10-kΩ resistor
K3
K3
I/O/Z
—
Pull down via a 10 kΩ resistor
R4
R4
I
IPU
R25
R25
O/Z
IPU
R26
R26
O/Z
IPU
Reserved (leave unconnected do not connect to power or ground)
T4
T4
O
IPD
Reserved (leave unconnected, do not connect to power or ground)
T22
T22
O/Z
IPU
T23
T23
O/Z
IPU
V4
V4
I/O/Z
—
Pull down via a 10-kΩ resistor
W7
W7
A
—
W23
W23
I/O/Z
IPU
Y23
Y23
I/O/Z
IPU
Y24
Y24
I/O/Z
IPU
Y25
Y25
I/O/Z
IPU
Y26
Y26
I/O/Z
IPU
AA3
AA3
A
—
AA23
AA23
I/O/Z
IPU
AA24
AA24
I/O/Z
IPU
RSV
AA25
AA25
I/O/Z
IPU
RSV
AA26
AA26
I/O/Z
IPU
AB3
AB3
I
—
AB11
AB11
I/O/Z
IPD
AB12
AB12
I/O/Z
IPD
AB15
AB15
I/O/Z
IPD
Reserved (leave unconnected do not connect to power or ground)
AB23
AB23
I/O/Z
IPU
Reserved (leave unconnected, do not connect to power or ground)
AB24
AB24
I/O/Z
IPU
AB25
AB25
I/O/Z
IPU
AC4
AC4
O/Z
—
AC11
AC11
I/O/Z
IPD
AC15
AC15
I/O/Z
IPD
AC19
AC19
I/O/Z
IPU
AC20
AC20
I/O/Z
IPU
AC21
AC21
I/O/Z
IPU
AC25
AC25
I/O/Z
IPU
AC26
AC26
I/O/Z
IPU
AD3
AD3
O/Z
—
AD9
AD9
I/O/Z
IPD
AD11
AD11
I/O/Z
IPD
AD19
AD19
I/O/Z
IPU
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-kΩ resistor should be used.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More