công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP9N50NF bảng dữ liệu(PDF) 2 Page - A POWER MICROELECTRONICS

tên linh kiện AP9N50NF
Giải thích chi tiết về linh kiện  500V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APME [A POWER MICROELECTRONICS]
Trang chủ  
Logo APME - A POWER MICROELECTRONICS

AP9N50NF bảng dữ liệu(HTML) 2 Page - A POWER MICROELECTRONICS

  AP9N50NF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP9N50NF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP9N50NF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP9N50NF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP9N50NF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP9N50NF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP9N50NF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP9N50NF
500V N-Channel Enhancement Mode MOSFET
AP9N50NF REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
500
535
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=500V, VGS=0V,TJ=25
℃
-
-
1
μA
IGSS
Gate to Body Leakage Current
VDS=0V, VGS= ±30V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=250μA
2
3
4
V
RDS(on)
Static Drain-Source on-Resistance
VGS =10V, ID =4.5A
-
630
720
mΩ
Ciss
Input Capacitance
VDS=25V, VGS=0V, f=1.0MHz
-
1100
-
pF
Coss
Output Capacitance
-
106
-
pF
Crss
Reverse Transfer Capacitance
-
32
-
pF
Qg
Total Gate Charge
VDD=400V, ID=9A,
VGS=10V
-
19.5
-
nC
Qgs
Gate-Source Charge
-
4.6
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
7.1
-
nC
td(on)
Turn-on Delay Time
VDD=250V, ID=9A,
RG=25Ω
-
24
-
ns
tr
Turn-on Rise Time
-
44
-
ns
td(off)
Turn-off Delay Time
-
55
-
ns
tf
Turn-off Fall Time
-
35
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
9
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
36
A
VSD
Drain to Source Diode Forward Voltage
VGS=0V, ISD=9A
-
-
1.4
V
trr
Reverse Recovery Time
VGS=0V, IS=9A,
di/dt=100A/μs
-
332
-
ns
Qrr
Reverse Recovery Charge
-
3.5
-
μC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
、The EAS data shows Max. rating . IAS=6A, VDD = 50V, RG = 25 Ω, Starting TJ = 25 ºC
3
、The test condition is Pulse Test: Pulse width ≤ 300μs, Duty Cycle ≤ 1%
4
、The power dissipation is limited by 150℃ junction temperature
5
、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com