| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LD1085D2M bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD1085D2M bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 28 page ![]() LD1085xx Maximum ratings 5/28 3 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied Table 2. Absolute maximum ratings Symbol Parameter Value Unit VI DC input voltage 30 V IO Output current Internally limited mA PD Power dissipation Internally limited mW TSTG Storage temperature range -55 to +150 °C TOP Operating junction temperature range -40 to +125 °C Table 3. Thermal data Symbol Parameter TO-220 DPAK D2PAK D2PAK/A Unit RthJC Thermal resistance junction-case 3 8 3 °C/W RthJA Thermal resistance junction-ambient 50 100 62.5 °C/W |