công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LFXXAB bảng dữ liệu(PDF) 40 Page - STMicroelectronics

tên linh kiện LFXXAB
Giải thích chi tiết về linh kiện  Very low drop voltage regulators with inhibit
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LFXXAB bảng dữ liệu(HTML) 40 Page - STMicroelectronics

Back Button LFXXAB_08 Datasheet HTML 36Page - STMicroelectronics LFXXAB_08 Datasheet HTML 37Page - STMicroelectronics LFXXAB_08 Datasheet HTML 38Page - STMicroelectronics LFXXAB_08 Datasheet HTML 39Page - STMicroelectronics LFXXAB_08 Datasheet HTML 40Page - STMicroelectronics LFXXAB_08 Datasheet HTML 41Page - STMicroelectronics LFXXAB_08 Datasheet HTML 42Page - STMicroelectronics LFXXAB_08 Datasheet HTML 43Page - STMicroelectronics LFXXAB_08 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Package mechanical data
LFxxAB - LFxxC
40/49
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49