| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI74FCT244TL bảng dữ liệu(PDF) 7 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI74FCT244TL bảng dữ liệu(HTML) 7 Page - Pericom Semiconductor Corporation |
|
7 / 8 page ![]() 7 PS2011E 06/20/06 PI74FCT244T/2244T PI74FCT541T/2541T Octal Buffer/Line Drivers Ordering Information: PI74FCT2541T Ordering Code Package Code Speed Grade Package Description PI74FCT2541TQ Q Blank 20-pin 150 mil wide plastic QSOP PI74FCT2541TS S Blank 20-pin 300 mil wide plastic SOIC PI74FCT2541TSE S Blank Pb-free & Green, 20-pin 300 mil wide plastic SOIC PI74FCT2541ATQ Q A 20-pin 150 mil wide plastic QSOP PI74FCT2541ATS S A 20-pin 300 mil wide plastic SOIC PI74FCT2541ATSE S A Pb-free & Green, 20-pin 300 mil wide plastic SOIC PI74FCT2541ATQE Q A Pb-free & Green, 20-pin 150 mil wide plastic QSOP Notes: • Thermal characteristics can be found on the company web site at www.pericom.com/packaging/ • E = Pb-free and Green • Adding an X suffix = Tape/Reel Ordering Information: PI74FCT541T Ordering Code Package Code Speed Grade Package Description PI74FCT541ATQE Q A Pb-free & Green, 20-pin 150-mil wide plastic QSOP PI74FCT541CTLE L C Pb-free & Green, 20-pin 173-mil wide plastic TSSOP PI74FCT541TQ Q Blank 20-pin 150-mil wide plastic QSOP PI74FCT541TQE Q Blank Pb-free & Green, 20-pin 150-mil wide plastic QSOP PI74FCT541TS S Blank 20-pin 300-mil wide plastic SOIC PI74FCT541ATQ Q A 20-pin 150-mil wide plastic QSOP PI74FCT541ATS S A 20-pin 300-mil wide plastic SOIC PI74FCT541ATSE S A Pb-free & Green, 20-pin 300-mil wide plastic SOIC PI74FCT541CTL L C 20-pin 173-mil wide plastic TSSOP PI74FCT541TSE T Blank Pb-free & Green, 20-pin 300-mil wide plastic SOIC Ordering Information: PI74FCT2244T Ordering Code Package Code Speed Grade Package Description PI74FCT2244TQ Q Blank 20-pin 150 mil wide plastic QSOP PI74FCT2244TQE Q Blank Pb-free & Green, 20-pin 150 mil wide plastic QSOP PI74FCT2244TS S Blank 20-pin 300 mil wide plastic SOIC PI74FCT2244TSE S Blank Pb-free & Green, 20-pin 300 mil wide plastic SOIC PI74FCT2244ATL L A 20-pin 173 mil wide plastic TSSOP PI74FCT2244ATLE L A Pb-free & Green, 20-pin 173 mil wide plastic TSSOP PI74FCT2244ATQ Q A 20-pin 150 mil wide plastic QSOP PI74FCT2244ATQE Q A Pb-free & Green, 20-pin 150 mil wide plastic QSOP PI74FCT2244ATS S A 20-pin 300 mil wide plastic SOIC PI74FCT2244ATSE S A Pb-free & Green, 20-pin 300 mil wide plastic SOIC PI74FCT2244CTQ Q C 20-pin 150 mil wide plastic QSOP PI74FCT2244CTQE Q C Pb-free & Green, 20-pin 150 mil wide plastic QSOP 06-0218 |