công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC7410 bảng dữ liệu(PDF) 48 Page - List of Unclassifed Manufacturers

tên linh kiện PC7410
Giải thích chi tiết về linh kiện  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 bảng dữ liệu(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 44Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 45Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 46Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 47Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 48Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 49Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 50Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 51Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
48
0832F–HIREL–02/07
PC7410
e2v semiconductors SAS 2007
During inactive periods on the bus, the address and transfer attributes may not be driven by any master
and may, therefore, float in the high-impedance state for relatively long periods of time. Since the
PC7410 must continually monitor these signals for snooping, this float condition may cause excessive
power draw by the input receivers on the PC7410 or by other receivers in the system. These signals can
be pulled up through weak (10 k
Ω) pull-up resistors by the system, address bus driven mode can be
enabled (see the PC7410 RISC Microporcessor Family Users’ Manual for more information on this
mode), or these signals may be otherwise driven by the system during inactive periods of the bus to
avoid this additional power draw. The snooped address and transfer attribute inputs are: A[0:31],
AP[0:3], TT[0:4], CI, WT, and GBL.
In systems where GBL is not connected and other devices may be asserting TS for a snoopable transac-
tion while not driving GBL to the processor, we recommend that a strong (1 k
Ω) pull-up resistor be used
on GBL. Note that the PC7410 will only snoop transactions when GBL is asserted.
The data bus input receivers are normally turned off when no read operation is in progress and, there-
fore, do not require pull-up resistors on the bus. Other data bus receivers in the system, however, may
require pull-ups, or that those signals be otherwise driven by the system during inactive periods by the
system. The data bus signals are: DH[0:31], DL[0:31], and DP[0:7].
If address or data parity is not used by the system, and the respective parity checking is disabled through
HID0, the input receivers for those pins are disabled, and those pins do not require pull-up resistors and
should be left unconnected by the system. If parity checking is disabled through HID0, and parity gener-
ation is not required by the PC7410 (note that the PC7410 always generates parity), then all parity pins
may be left unconnected by the system. The L2 interface does not normally require pull-up resistors.
14.7
JTAG Configuration Signals
Boundary-scan testing is enabled through the JTAG interface signals. The TRST signal is optional in the
IEEE 1149.1 specification, but is provided on all processors that implement the PowerPC architecture.
While it is possible to force the TAP controller to the reset state using only the TCK and TMS signals,
more reliable power-on reset performance will be obtained if the TRST signal is asserted during power-
on reset.
Because the JTAG interface is also used for accessing the common on-chip processor (COP) function,
simply tying TRST to HRESET is not practical.
The COP function of these processors allows a remote computer system (typically, a PC with dedicated
hardware and debugging software) to access and control the internal operations of the processor. The
COP interface connects primarily through the JTAG port of the processor, with some additional status
monitoring signals. The COP port requires the ability to independently assert HRESET or TRST in order
to fully control the processor. If the target system has independent reset sources, such as voltage moni-
tors, watchdog timers, power supply failures, or push-button switches, then the COP reset signals must
be merged into these signals with logic.
The arrangement shown in Figure 14-6 on page 50 allows the COP port to independently assert
HRESET or TRST, while ensuring that the target can drive HRESET as well. If the JTAG interface and
COP header will not be used, TRST should be tied to HRESET through a 0
Ω isolation resistor so that it is
asserted when the system reset signal (HRESET) is asserted ensuring that the JTAG scan chain is ini-
tialized during power-on. While Freescale recommends that the COP header be designed into the
system as shown in Figure 14-6, if this is not possible, the isolation resistor will allow future access to
TRST in the case where a JTAG interface may need to be wired onto the system in debug situations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com