công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XC6220B25BPR bảng dữ liệu(PDF) 11 Page - Torex Semiconductor

tên linh kiện XC6220B25BPR
Giải thích chi tiết về linh kiện  1A LDO Voltage Regulator with “Green Operation”
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOREX [Torex Semiconductor]
Trang chủ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220B25BPR bảng dữ liệu(HTML) 11 Page - Torex Semiconductor

Back Button XC6220B25BPR Datasheet HTML 7Page - Torex Semiconductor XC6220B25BPR Datasheet HTML 8Page - Torex Semiconductor XC6220B25BPR Datasheet HTML 9Page - Torex Semiconductor XC6220B25BPR Datasheet HTML 10Page - Torex Semiconductor XC6220B25BPR Datasheet HTML 11Page - Torex Semiconductor XC6220B25BPR Datasheet HTML 12Page - Torex Semiconductor XC6220B25BPR Datasheet HTML 13Page - Torex Semiconductor XC6220B25BPR Datasheet HTML 14Page - Torex Semiconductor XC6220B25BPR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11/26
XC6220
Series
RCE
CE
VIN
VOUT
VSS
Error
Amp
-
+
Current
Limit
Thermal
Protection
Green
Operation
ON/OFF
Control
CE
CE/
each
circuit
R1
R2
Voltage
Reference
CE/
The voltage divided by resistors R1 & R2 is compared
with the internal reference voltage by the error amplifier.
The P-channel MOSFET which is connected to the VOUT
pin is then driven by the subsequent control signal. The
output voltage at the VOUT pin is controlled & stabilized
by a system of negative feedback. The current limit
circuit and short protect circuit operate in relation to the
level of output current. The GO function monitors the
output current and switches the IC between two
operating modes according to the level of output current.
Further, the IC's internal circuitry can be shutdown via
the CE pin's signal.
<Low ESR capacitor>
The XC6220 series has a built-in phase compensation circuit which means that a stable output voltage is achieved even if
the IC is used with low ESR capacitors. In order to ensure stable phase compensation it is recommended that a CL capacitor
is connected as close as possible to the VOUT pin and VSS pin. For a stable power supply, please connect an input capacitor
(CIN) between the VIN pin and the VSS pin.
Values required for the phase compensation are shown in the chart below. If a loss of the capacitance happens, the stable
phase compensation may not be obtained. Please ensure to use a capacitor which does not depend on bias or temperature
too much.
Recommended output capacitor (CL)
VOUT(T)(V)
OUTPUT CAPACITOR VALUE(CL)
CIN=4.7μF
CIN=10μF
CIN=22μF
0.80V ~ 0.95V
×
×
22μF
1.00V ~ 1.45V
47μF
47μF
22μF
1.50V ~ 1.75V
47μF
22μF
10μF
1.80V ~ 2.95V
47μF
6.8μF
6.8μF
3.00V ~ 3.50V
47μF
4.7μF
4.7μF
3.55V ~ 5.00V
47μF
10μF
6.8μF
× No option
<Current Limiter, Short-Circuit Protection>
The XC6220 series includes a fold-back circuit, which aids the operation of the current limiter and circuit protection. When
the load current reaches the current limit level, the fold-back circuit operates and output voltage drops. As a result of this drop
in output voltage, output current also decreases. When the output pin is shorted, a current of about 180mA flows.
<CE Pin>
The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6220 series. With the XC6220A/C
series, output at the VOUT pin will be pulled down to the VSS level. However, with XC6220B/D series, the CL auto-discharge
N-channel transistor switch is connected in parallel to R1 and R2 while the power supply is applied to the VIN pin. Therefore,
the time until the VOUT pin reaches the VSS level is shortened.
The output voltage of the XC6220A/B series becomes unstable, when the CE pin is open. If this IC is used with the correct
output voltage for the CE pin, the logic is fixed and the IC will operate normally. On the other hand, with the XC6220C/D series,
the IC operation is stopped when the CE pin is open. However, the CE pin input current may increase as a result of through
current in the pull-down resistor (RCE) when the IC is under operation.
■
OPERATIONAL EXPLANATION
<Green Operation>
The XC6220 series always operates in a green operation (GO) mode.
The GO mode enables the IC to switch automatically between the high
speed (HS) mode or the power save (PS) mode according to the level of
output current. The switching point of the HS mode and the PS mode is
fixed inside the IC. When the output current becomes IGOR=1.0mA (MIN.)
or below, the mode changes automatically to the PS mode after a delay
time of hundreds of microseconds. Supply current in light load is greatly
reduced. Also when the output current becomes IGO 10mA (MAX.) or
more, the mode changes automatically to the HS mode and the IC returns
to high speed operation.
XC6220x 301
0
10
20
30
40
50
0
5
10
15
20
Output Current: IOUT (mA)
CE=VIN, Topr=25℃, CIN=10μF, CL=4.7μF (ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com