công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP2N7002DW bảng dữ liệu(PDF) 2 Page - A POWER MICROELECTRONICS

tên linh kiện AP2N7002DW
Giải thích chi tiết về linh kiện  60V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APME [A POWER MICROELECTRONICS]
Trang chủ  
Logo APME - A POWER MICROELECTRONICS

AP2N7002DW bảng dữ liệu(HTML) 2 Page - A POWER MICROELECTRONICS

  AP2N7002DW Datasheet HTML 1Page - A POWER MICROELECTRONICS AP2N7002DW Datasheet HTML 2Page - A POWER MICROELECTRONICS AP2N7002DW Datasheet HTML 3Page - A POWER MICROELECTRONICS AP2N7002DW Datasheet HTML 4Page - A POWER MICROELECTRONICS AP2N7002DW Datasheet HTML 5Page - A POWER MICROELECTRONICS AP2N7002DW Datasheet HTML 6Page - A POWER MICROELECTRONICS AP2N7002DW Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP2N7002DW
60V N+N-Channel Enhancement Mode MOSFET
AP2N7002DW REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID= 10μA
60
67
-
V
IDSS
Zero Gate Voltage Drain Current
VDS =60V, VGS = 0V,
-
-
1
μA
IGSS
Gate to Body Leakage Current
VDS =0V, VGS = ±20V
-
-
±10
uA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= 250μA
1.0
1.3
2.5
V
RDS(on)
Static Drain-Source on-Resistance
VGS =10V, ID =0.3A
-
1600
2100
mΩ
RDS(on)
Static Drain-Source on-Resistance
VGS =4.5V, ID =0.2A
-
1900
2700
mΩ
Ciss
Input Capacitance
VDS = 25V, VGS = 0V, f
= 1.0MHz
-
28
-
pF
Coss
Output Capacitance
-
11
-
pF
Crss
Reverse Transfer Capacitance
-
4
-
pF
Qg
Total Gate Charge
VDS = 10V, ID = 0.3A,
VGS = 4.5V
-
1.7
-
nC
Qgs
Gate-Source Charge
-
0.3
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
0.6
-
nC
td(on)
Turn-on Delay Time
VDD = 10V, ID =0.2A,
RGEN = 10Ω,VGS=10V,
-
2
-
ns
tr
Turn-on Rise Time
-
15
-
ns
td(off)
Turn-off Delay Time
-
7
-
ns
tf
Turn-off Fall Time
-
20
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
0.2
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
0.8
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS =0.2A
-
-
1.2
V
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The power dissipation is limited by 175℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com