| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC2142AIP bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC2142AIP bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 29 page ![]() TLE2142, TLE2142A, TLE2142Y EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994 5–2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) The design incorporates a patent-pending input stage that simultaneously achieves low audio-band noise of 10.5 nV/ √Hz, with a 6-Hz 1/f corner and symmetrical 40-V/µs slew rate typically with loads up to 800 pF. The resulting low distortion and high power bandwidth are important in high-fidelity audio applications. A fast settling time of 340 ns to 0.1% of a 10-V step with a 2-k Ω/100-pF load is useful in fast actuator/positioning drivers. Under similar test conditions, settling time to 0.01% is 400 ns. The devices are stable with capacitive loads up to 10 nF, although the 6-MHz bandwidth decreases to 1.8 MHz at this high loading level. As such, the TLE2142 and TLE2142A are useful for low-droop sample-and-holds and direct buffering of long cables, including 4-mA to 20-mA current loops. The special design also exhibits an improved insensitivity to inherit integrated circuit component mismatches as is evidenced by a 750- µV maximum offset voltage and 1.7-µV/°C typical drift. Minimum common-mode rejection ratio and supply voltage rejection ratio are 85 dB and 90 dB, respectively. Device performance is relatively independent of supply voltage over the ±2-V to ±22-V range. Inputs can operate between VCC– –0.3 to VCC+ –1.8 V without inducing phase reversal, although excessive input current may flow out of each input exceeding the lower common-mode input range. The all-npn output stage provides a nearly rail-to-rail output swing of VCC– +0.1 to VCC+ –1 V under light current-loading conditions. The device can sustain shorts to either supply since output current is internally limited, but care must be taken to ensure that maximum package power dissipation is not exceeded. Both versions can also be used as comparators. Differential inputs of VCC± can be maintained without damage to the device. Open-loop propagation delay with TTL supply levels is typically 200 ns. This gives a good indication as to output stage saturation recovery when the device is driven beyond the limits of recommended output swing. Both the TLE2142 and TLE2142A are available in a wide variety of packages, including both the industry-standard 8-pin small-outline version and chip form for high-density system applications. The C-suffix devices are characterized for operation from 0 °C to 70°C, I-suffix devices from –40°C to 105°C, and M-suffix devices over the full military temperature range of – 55 °C to 125°C. 1 2 3 4 8 7 6 5 1OUT 1IN – 1IN + VCC – VCC+ 2OUT 2IN – 2IN + D, JG, OR P PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 NC 2OUT NC 2IN – NC NC 1IN – NC 1IN + NC FK PACKAGE (TOP VIEW) NC – No internal connection |