công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

39-01-3043.. bảng dữ liệu(PDF) 1 Page - Molex Electronics Ltd.

tên linh kiện 39-01-3043..
Giải thích chi tiết về linh kiện  Mini-Fit Jr.™ Power Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOLEX [Molex Electronics Ltd.]
Trang chủ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39-01-3043.. bảng dữ liệu(HTML) 1 Page - Molex Electronics Ltd.

  39-01-3043.. Datasheet HTML 1Page - Molex Electronics Ltd. 39-01-3043.. Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/10/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039013043
Status:
Active
Overview:
Mini-Fit Jr.™ Power Connectors
Description:
Mini-Fit Jr.™ Plug Housing, Dual Row, 4 Circuits, UL 94V-2, Natural
Documents:
3D Model
Product Specification PS-5556-001 (PDF)
Drawing (PDF)
Packaging Specification PK-5559-002 (PDF)
Product Specification PS-45750-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
5559
Application
Power, Wire-to-Board, Wire-to-Wire
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 series terminals
crimped to 16 AWG wire. . See Molex product
specification PS-45750-001 for additional current
derating information.. Glow Wire Equivalent Part.
MolexKits
Yes
Overview
Mini-Fit Jr.™ Power Connectors
Product Name
Mini-Fit Jr.™
UPC
800755527988
Physical
Breakaway
No
Circuits (maximum)
4
Color - Resin
Natural
Flammability
94V-2
Gender
Plug
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
1.320/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
4.20mm
Pitch - Termination Interface
4.20mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
13.0A
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Old Part Number
5559-04P1
Reference - Drawing Numbers
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Search Parts in this Series
5559 Series
Mates With
39-01-3042 Receptacle Housing,
39-01-2040 Receptacle Housing
Use With
5558 Mini-Fit Jr.™ Male Crimp Terminals.
30490 Mini-Fit® Male Grounding Crimp
Terminals


Số phần tương tự - 39-01-3043..

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
39-01-3043 MOLEX-39-01-3043 Datasheet
202Kb / 2P
MINI FIT JR SERIES PLUS W/O MTG.EARS
logo
MolexKits
39-01-3043 MOLEXKITS-39-01-3043 Datasheet
39Kb / 2P
Free Hanging Plug and Receptacle, 3-9 A 250V
logo
Molex Electronics Ltd.
39-01-3043 MOLEX3-39-01-3043 Datasheet
239Kb / 4P
4.20mm (.165") Pitch Mini-Fit Jr.??Plug Housing, Dual Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
39-01-3043 MOLEX11-39-01-3043 Datasheet
39Kb / 2P
Mini-Fit Jr.??Plug Housing, Dual Row without Panel Mount Ears, PA Polyamide Nylon
More results

Mô tả tương tự - 39-01-3043..

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0039293146 MOLEX3-0039293146 Datasheet
414Kb / 4P
4.20mm (.165") Pitch Mini-Fit Jr.?
1626482 MOLEX11-1626482 Datasheet
38Kb / 2P
4.20mm Pitch Mini-Fit Jr
39-01-2065 MOLEX11-39-01-2065 Datasheet
41Kb / 2P
Mini-Fit Jr.??Receptacle Housing
39-29-6148 MOLEX11-39-29-6148 Datasheet
50Kb / 2P
Mini-Fit Jr.??Power Connectors
39-30-1039 MOLEX11-39-30-1039 Datasheet
40Kb / 2P
Mini-Fit Jr.??Power Connectors
46993-1611 MOLEX11-46993-1611 Datasheet
59Kb / 1P
Mini-Fit Jr. Plug Housing
46993-1810 MOLEX11-46993-1810 Datasheet
60Kb / 2P
Mini-Fit Jr. Plug Housing
46993-1811 MOLEX11-46993-1811 Datasheet
59Kb / 1P
Mini-Fit Jr. Plug Housing
46999-0290 MOLEX11-46999-0290 Datasheet
38Kb / 2P
Mini-Fit Jr. Plug Housing
ATS-638191000 MOLEX-ATS-638191000 Datasheet
919Kb / 8P
Hand Crimp Tool For Mini-Fit™ Jr. Crimp Terminals
09-16-14
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com