| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC7410 bảng dữ liệu(PDF) 24 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC7410 bảng dữ liệu(HTML) 24 Page - Freescale Semiconductor, Inc |
|
24 / 56 page ![]() MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1 24 Freescale Semiconductor Pin Assignments 5 Pin Assignments Figure 16, part A shows the pinout for the MPC7410, 360 CBGA, 360 HCTE, and 360 HCTE Lead Free C5 Spheres packages as viewed from the top surface. Figure 16, part B shows the side profile of the CBGA and HCTE_CBGA packages to indicate the direction of the top surface view. Figure 16, part C shows the side profile of the HCTE_LGA package to indicate the direction of the top surface view. A B C D E F G H J K L M N P R T 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Not to Scale 17 18 19 U V W Part A View Part B Die Substrate Assembly Encapsulant BGA Package |