công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4964-5M bảng dữ liệu(PDF) 3 Page - Infineon Technologies AG

tên linh kiện TLE4964-5M
Giải thích chi tiết về linh kiện  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-5M bảng dữ liệu(HTML) 3 Page - Infineon Technologies AG

  TLE4964-5M Datasheet HTML 1Page - Infineon Technologies AG TLE4964-5M Datasheet HTML 2Page - Infineon Technologies AG TLE4964-5M Datasheet HTML 3Page - Infineon Technologies AG TLE4964-5M Datasheet HTML 4Page - Infineon Technologies AG TLE4964-5M Datasheet HTML 5Page - Infineon Technologies AG TLE4964-5M Datasheet HTML 6Page - Infineon Technologies AG TLE4964-5M Datasheet HTML 7Page - Infineon Technologies AG TLE4964-5M Datasheet HTML 8Page - Infineon Technologies AG TLE4964-5M Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
3
Introduction
4
Applications
6
Find your sensor
6
Body applications
7
Powertrain applications
8
Safety applications
9
Sensors in Electric Power Steering (EPS)
10
Hybrid powertrains
16
Smart industry
21
Smart home
22
Smart building
23
Solutions for light vehicles and CAV
24
Current sensors
26
Magnetic sensors
27
Hall switches
28
3D magnetics
34
Linear sensors
37
Angle sensors
41
Magnetic speed sensors
47
Pressure sensors
55
Absolute pressure sensors (MAP and BAP)
57
Side Crash Detection (SAB)
59
Tire Pressure Sensor (TPMS)
60
Digital barometric pressure sensors
61
MEMS microphones
64
MEMS microphones for automotive
64
MEMS microphones for consumer
66
Radar sensor ICs
68
RASIC™ automotive radar 77/79 GHz
69
Radar sensor for IoT
70
60 GHz radar sensor IC
73
24 GHz radar sensor ICs
74
Environmental sensors
77
PAS CO2
77
Intuitive sensing
79
Shield2Go
80
Sensor 2GO kits
82
Online simulation tools
86
Functional safety – ISO 26262
87
Packages
89
Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com