| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4961-2M bảng dữ liệu(PDF) 10 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4961-2M bảng dữ liệu(HTML) 10 Page - Infineon Technologies AG |
|
10 / 91 page ![]() 10 Magnetic position sensors for highest energy efficiency and functional safety in Electric Power Steering (EPS) Position sensor applications in EPS are safety-related with the highest safety level. The ISO 26262 standard sets high requirements for the diagnostic coverage of random fail- ures and the avoidance of systematic failures in order to reach the highest safety rating on system level resulting in a safety classification of the category ASIL D. These demanding specifications can typically be achieved by using redundant sensors as well as comparing their signals in a microcontroller. Compared to conventional hydraulic power steering solu- tions, Electric Power Steering (EPS) enables higher energy efficiency, increased steering functionality and reduced space requirements in passenger vehicles. Infineon offers dual-sensor solutions with two redundant sensors in the place of one for all position sensor applications in EPS. Our dual-sensor package integrates two magnetic position sensors with separate supply pins and separate signal outputs. They are electrically indepen- dent thanks to galvanic isolation. This means that the two sensors work independently, thereby increasing system reliability. The functionality of EPS is based on several system-side position sensors, that measure the steering torque input from the driver, the rotor position of the EPS motor, that moves the steering rack and the steering wheel’s absolute position. Typical application for Infineon magnetic position sensors in EPS Angle sensors Steering torque BLDC motor TLE499x – linear Hall sensor series Steering torque sensing TLE4906 – switches Torque index sensor TLE5014/TLE5012B – angle sensor TLE5009 – angle sensor TLE5501 – angle sensor Steering angle sensing TLE5x09D – dual-sensor angle TLE5012BD – dual-sensor angle EPS rotor position sensing Switches Linear Hall Sensors in Electric Power Steering (EPS) www.infineon.com/eps |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |