| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8260 bảng dữ liệu(PDF) 12 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8260 bảng dữ liệu(HTML) 12 Page - Freescale Semiconductor, Inc |
|
12 / 16 page ![]() MPC8260 UPM Timing Diagram, Rev. 2 12 Freescale Semiconductor UPM ARTRY Cycle Figure 7 shows the UPM burst read/write on a 64-bit port. Figure 7. UPM Burst Read/Write on 64-Bit Port 3UPM ARTRY Cycle In 60x-compatible mode, the address transfer can be terminated with the requirement to retry if ARTRY is asserted during the address tenure and through the cycle following AACK. The assertion causes the entire transaction (address and data tenure) to be rerun. CLKIN ADDR DATA PSDVAL CS PGPLx BS TA addr Note: 1 Example RAM words for burst read: 08: 08ea a800 09: 00a0 0004 // UTA=1 0a: 00a0 0004 // UTA=1 0b: 00a0 0004 // UTA=1 0c: 00a0 0004 // UTA=1 0d: 01b5 5401 2 A burst write starts at RAM address 0x20 3 Care should be taken to program the correct number of UTAs in the burst code so that the UPM generates the required number of PSDAL signals for a burst. 08 09 0a 0b 0c 0d D0 D1 D2 D3 |