| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P3602ABLXX bảng dữ liệu(PDF) 5 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
P3602ABLXX bảng dữ liệu(HTML) 5 Page - TE Connectivity Ltd |
|
5 / 5 page ![]() SIDACtor® ProtectionThyristors 170 Revised: February 22, 2011 © 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Baseband Protection (Voice-DS1) Packing Options Package Type Description Quantity Added Suffix Industry Standard A Modified TO-220 Tape and Reel Pack 700 RP EIA-468-B Modified TO-220 Bulk Pack 500 N/A N/A Modified TO-220 Type 60 Lead Form Bulk Pack 500 60 (special order item, contact factory for details) N/A Tape and Reel Specification — Modified TO-220 1.626 (41.15) 0.720 (18.29) 0.360 (9.14) 0.240 (6.10) 0.019 (0.5) 0.750 ± 0.010 (19.05 ± 0.25) 0.500 (12.7) 0.100 (2.54) 0.100 (2.54) 14.173 (360.0) Dimensions are in inches (and millimeters). 1.968 (50.0) Direction of Feed Dimensions - Modified TO-220 D F P G A O Temperature Measurement Point PIN 3 PIN 2 PIN 1 J H L K M N The modifiedTO-220 package is designed to meet mechanical standards as set forth in JEDEC publication number 95. Inches Millimeters Min Max Min Max A 0.400 0.410 10.16 10.42 D 0.360 0.375 9.14 9.53 F 0.110 0.130 2.80 3.30 G 0.540 0.575 13.71 14.61 H 0.025 0.035 0.63 0.89 J 0.195 0.205 4.95 5.21 K 0.095 0.105 2.41 2.67 L 0.060 0.075 1.52 1.90 M 0.070 0.085 1.78 2.16 N 0.018 0.024 0.46 0.61 O 0.178 0.188 4.52 4.78 P 0.290 0.310 7.37 7.87 |