công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPM2-433 bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện SPM2-433
Giải thích chi tiết về linh kiện  UHF SpacePort Modem
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SPM2-433 bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SPM2-433 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPM2-433 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPM2-433 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPM2-433 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPM2-433 Datasheet HTML 9Page - List of Unclassifed Manufacturers SPM2-433 Datasheet HTML 10Page - List of Unclassifed Manufacturers SPM2-433 Datasheet HTML 11Page - List of Unclassifed Manufacturers SPM2-433 Datasheet HTML 12Page - List of Unclassifed Manufacturers SPM2-433 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Radiometrix Ltd, SpacePort Modem
page 9
RADAR
Starts the radar test.
Used as a range or confidence test between SPM modules within the
same site.
parameter
Unit number between 0 and 15.
Note: To configure the SPM the HyperTerminal should be set with the following settings.
Hardware flow control should be disabled. Default baud rate of the SPM is 9600bps. However if
the default baud rate of the SPM is changed then the baud rate of the HyperTerminal should be
matched or DEFAULT jumper should be connected to force the SPM baud rate to 9600bps.
Figure 4: SPM2 configuration using HyperTerminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15