công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WR-160P-VF-N1-R1500 bảng dữ liệu(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

tên linh kiện WR-160P-VF-N1-R1500
Giải thích chi tiết về linh kiện  WR Series (0.5 mm Pitch, Board-to-Board Connector)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JAE [Japan Aviation Electronics Industry, Ltd.]
Trang chủ  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WR-160P-VF-N1-R1500 bảng dữ liệu(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  WR-160P-VF-N1-R1500 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WR-160P-VF-N1-R1500 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WR-160P-VF-N1-R1500 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Material of Insulator
Glass filled PPS (UL94V-0)
PCB Mounted Height (mm)
3
Existence of Polarization Key
not available
Existence of Location Boss
not available
PCB Boardlock Feature
not available
Existence of Mounting Ears
not available
Operating Temperature Range
(deg. C)
-40 deg. C to +85 deg. C
RoHS compliant
REACH compliant
Mating Connector
WR-160SB-VFH05-N1-R1500
WR-160SB-VF-N1-R1500
WR-160S-VF-N1-R1500
Notice
The values specified in this web site are only for reference. The products and their specifications
are subject to change without notice. Contact our sales staff for further information before
considering or ordering any of our products.
For purchase, a product specification must be agreed upon.
1.
Users are requested to provide protection circuits and redundancy circuits to ensure safety of
the equipment, and sufficiently review the suitability of JAE's products to the equipment.
2.
The products presented in this web site are designed for the uses recommended below.
We strongly suggest you contact our sales staff when considering use of any of the products in
any other way than the recommended applications or for a specific use that requires an
extremely high reliability.
3.
Applications that require consultation:
(1)
Please contact us if you are considering use involving a quality assurance program that
you specify or that is peculiar to the industry, such as:
Automotive electrical components, train control, telecommunications devices (mainline),
traffic light control, electric power, combustion control, fire prevention or security systems,
disaster evention equipment, etc.
*
We may separately give you our support with a quality assurance program that
you specify, when you think of a use such as :
Aviation or space equipment, submarine repeaters, nuclear power control systems, medical
equipment for life support, etc.
*



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com