| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L5973AD bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L5973AD bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 21 page ![]() L5973AD Functional description 9/21 As Slave to synchronize itself by external signal. In particular, connecting together two devices, the one with the lower switching frequency works as Slave and the other one works as Master. To synchronize the device, the SYNC pin has to pass from a low level to a level higher than the synchronization threshold with a duty cycle that can vary approximately from 10% to 90%, depending also on the signal frequency and amplitude. The frequency of the synchronization signal must be at least higher than the internal switching frequency of the device (500 kHz). Figure 5. Oscillator circuit 4.4 Current protection The L5973AD has two current limit protections, pulse by pulse and frequency fold back. The schematic of the current limitation circuitry for the pulse by pulse protection is shown in Figure 6. The output power PDMOS transistor is split in two parallel PDMOS. The smallest one has a resistor in series, RSENSE. The current is sensed through Rsense and if reaches the threshold, the mirror is unbalanced and the PDMOS is switched off until the next falling edge of the internal clock pulse. Due to this reduction of the ON time, the output voltage decreases. Since the minimum switch ON time (necessary to avoid false overcurrent signal) is not enough to obtain a sufficiently low duty cycle at 500 kHz, the output current, in strong overcurrent or short circuit conditions, could increase again. For this reason the switching frequency is also reduced, so keeping the inductor current under its maximum threshold. The Frequency Shifter (see Figure 5) depends on the feedback voltage. As the feedback voltage decreases (due to the reduced duty cycle), the switching frequency decreases too. FREQUENCY SHIFTER CLOCK GENERATOR RAMP GENERATOR SYNCHRONIZATOR CLOCK RAMP Ibias_osc SYNC t D00IN1131 |