công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IS41C16100-50TL bảng dữ liệu(PDF) 23 Page - Integrated Silicon Solution, Inc

tên linh kiện IS41C16100-50TL
Giải thích chi tiết về linh kiện  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ISSI [Integrated Silicon Solution, Inc]
Trang chủ  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C16100-50TL bảng dữ liệu(HTML) 23 Page - Integrated Silicon Solution, Inc

Back Button IS41C16100-50TL Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS41C16100-50TL Datasheet HTML 23Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
PACKAGING INFORMATION
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. F
06/18/03
Copyright © 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Plastic TSOP
Package Code: T (Type II)
D
SEATING PLANE
b
e
C
1
N/2
N/2+1
N
E1
A1
A
E
L
α
ZD
.
Notes:
1. Controlling dimension: millimieters,
unless otherwise specified.
2. BSC = Basic lead spacing
between centers.
3. Dimensions D and E1 do not
include mold flash protrusions and
should be measured from the
bottom of the package.
4. Formed leads shall be planar with
respect to one another within
0.004 inches at the seating plane.
Plastic TSOP (T - Type II)
Millimeters
Inches
Millimeters
Inches
Millimeters
Inches
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Ref. Std.
No. Leads (N)
32
44
50
A
—
1.20
—
0.047
—
1.20
—
0.047
—
1.20
—
0.047
A1
0.05
0.15
0.002
0.006
0.05
0.15
0.002 0.006
0.05
0.15
0.002 0.006
b
0.30
0.52
0.012
0.020
0.30
0.45
0.012 0.018
0.30
0.45
0.012 0.018
C
0.12
0.21
0.005
0.008
0.12
0.21
0.005 0.008
0.12
0.21
0.005 0.008
D
20.82 21.08
0.820
0.830
18.31
18.52
0.721 0.729
20.82 21.08
0.820 0.830
E1
10.03 10.29
0.391
0.400
10.03
10.29
0.395 0.405
10.03 10.29
0.395 0.405
E
11.56 11.96
0.451
0.466
11.56
11.96
0.455 0.471
11.56 11.96
0.455 0.471
e
1.27 BSC
0.050 BSC
0.80 BSC
0.032 BSC
0.80 BSC
0.031 BSC
L
0.40
0.60
0.016
0.024
0.41
0.60
0.016 0.024
0.40
0.60
0.016 0.024
ZD
0.95 REF
0.037 REF
0.81 REF
0.032 REF
0.88 REF
0.035 REF
α
0°
5°
0°
5°
0°
5°
0°
5°
0°
5°
0°
5°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com