| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMS bảng dữ liệu(PDF) 3 Page - Radiall. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
MMS bảng dữ liệu(HTML) 3 Page - Radiall. All rights reserved. |
|
3 / 5 page ![]() Technical Data Sheet STRAIGHT JACK RECEPTACLE FOR PCB SMT TYPE - REEL OF 100 PAGE 3/5 ISSUE 03-02-17B SERIES MMS PART NUMBER R209408012 This document contains proprietary information and such information shall not be disclosed to any third party for any purpose whatsoever or used for manufacturing purposes without prior written agreement from Radiall. The data defined in this document are given as an indication, in the effort to improve our products; we reserve the right to make any changes judged necessary. MMS SERIES – INFORMATION Coplanar line : Ground and signal are on the same side . Thicknass of PCB : 1mm The material of PCB is glass-epoxy composite. (Er = 4.8 ) The sold er resist should be printed except for the land pattern on the PCB. SHADOW OF MMS RECEPTACLE ASPIRATION AREA FOR VIDEO CAMERA |