công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PXM6033TP bảng dữ liệu(PDF) 1 Page - Bulgin Limited. All rights reserved.

tên linh kiện PXM6033TP
Giải thích chi tiết về linh kiện  6000 Series - Ethernet Buccaneer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Trang chủ  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXM6033TP bảng dữ liệu(HTML) 1 Page - Bulgin Limited. All rights reserved.

  PXM6033TP Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXM6033TP Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXM6033TP Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXM6033TP Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXM6033TP Datasheet HTML 5Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
110 Buccaneer for Data
Thermo-plastic version
BUCCANEER FOR DATA
6000 Series - Ethernet Buccaneer
Patch Cord Flex Connector - Pur Jacket Cable
Rewireable Flex Connector
Front Panel Mounting Connector
PXP6034
PXP6033TP
Mates with PXP6033TP type panel
mounting connectors
30° twist locking
Overmoulded patchcords with IP rated
connector
Supplied with shielded RJ45 plug
Single or double end terminated
Standard lengths: 2m, 3m & 5m
S-FTP cable construction
PUR jacket cable
Wiring configuration to 568-B
Exceeds EIA/TIA Cat 5e
Mates with PXP6033TP type
panel mounting connectors
30° twist locking
Supplied with shielded RJ45
plug
Two versions:
for PUR jacket cable (Cat 5e)
for other cable sizes from
4.0 to 10.0mm dia.
Sealed through panel
Cat 5e shielded coupler
Mates with all plastic flex connectors
Standard RJ45 patchcord can
be plugged into rear
Version with earth wire available
Single hole fixing
Complete with panel sealing gasket
PXP6037/2M00
PXP6037/3M00
PXP6037/5M00
2m
3m
5m
Single ended
Single ended
Single ended
IP RJ Buccaneer to Shielded RJ45
IP RJ Buccaneer to Shielded RJ45
IP RJ Buccaneer to Shielded RJ45
Part no
Length
Type
Description
PXP6037
PXP6034/A
PXP6034/B
PXP6033TP
PXP6033TP/E
Cat 5e coupler
Cat 5e coupler + earth wire
Cable glands optimised for PUR jacket cable to maintain Cat 5e performance
Suitable for use with cables from 4.0 to 10.0mm diameter
Front panel mounted - sealed through panel
Front panel mounted - sealed through panel
Part no
Part no
Description
Description
Fixing
Patch Cord Flex Connector - Pur Jacket Cable
Mates with PXP6033TP type panel
mounting connectors
30° twist locking
Overmoulded patchcords with IP rated
connector
Supplied with shielded RJ45 plug
Single or double end terminated
Standard lengths: 2m, 3m & 5m
S-FTP cable construction
PUR jacket cable
Wiring configuration to 568-B
Exceeds EIA/TIA Cat 5e
PXP6038/2M00
PXP6038/3M00
PXP6038/5M00
2m
3m
5m
Double ended
Double ended
Double ended
IP RJ Buccaneer to IP68 RJ Buccaneer
IP RJ Buccaneer to IP68 RJ Buccaneer
IP RJ Buccaneer to IP68 RJ Buccaneer
Part no
Length
Type
Description
PXP6038


Số phần tương tự - PXM6033TP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Elektron Components Ltd...
PXM6033TP BULGIN-PXM6033TP Datasheet
371Kb / 6P
Robust, instant connections for harsh environments
V1.0
More results

Mô tả tương tự - PXM6033TP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
Buccaneer Antenna
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
IP68 Sealed - Mini USB Buccaneer
logo
List of Unclassifed Man...
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
400 Series Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
Mini Buccaneer
PX0731 ETC2-PX0731 Datasheet
3Mb / 9P
BUCCANEER FOR POWER
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
SMB Buccaneer
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
USB Buccaneer
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
400 Series Buccaneer
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
4000 Series Buccaneer
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com