công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STP50NF25 bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện STP50NF25
Giải thích chi tiết về linh kiện  N-channel 250V - 0.055Ω - 45A - D2PAK - TO-220 low gate charge STripFET??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP50NF25 bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button STP50NF25 Datasheet HTML 5Page - STMicroelectronics STP50NF25 Datasheet HTML 6Page - STMicroelectronics STP50NF25 Datasheet HTML 7Page - STMicroelectronics STP50NF25 Datasheet HTML 8Page - STMicroelectronics STP50NF25 Datasheet HTML 9Page - STMicroelectronics STP50NF25 Datasheet HTML 10Page - STMicroelectronics STP50NF25 Datasheet HTML 11Page - STMicroelectronics STP50NF25 Datasheet HTML 12Page - STMicroelectronics STP50NF25 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STB50NF25 - STP50NF25
Package mechanical data
9/14
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14