công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STGD18N40LZ-1 bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện STGD18N40LZ-1
Giải thích chi tiết về linh kiện  EAS 180 mJ - 400 V - internally clamped IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD18N40LZ-1 bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button STGD18N40LZ-1 Datasheet HTML 6Page - STMicroelectronics STGD18N40LZ-1 Datasheet HTML 7Page - STMicroelectronics STGD18N40LZ-1 Datasheet HTML 8Page - STMicroelectronics STGD18N40LZ-1 Datasheet HTML 9Page - STMicroelectronics STGD18N40LZ-1 Datasheet HTML 10Page - STMicroelectronics STGD18N40LZ-1 Datasheet HTML 11Page - STMicroelectronics STGD18N40LZ-1 Datasheet HTML 12Page - STMicroelectronics STGD18N40LZ-1 Datasheet HTML 13Page - STMicroelectronics STGD18N40LZ-1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Package mechanical data
STGD18N40LZ - STGB18N40LZ
10/18
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18