công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM62A32AMLHAAMB bảng dữ liệu(PDF) 100 Page - Texas Instruments

tên linh kiện AM62A32AMLHAAMB
Giải thích chi tiết về linh kiện  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB bảng dữ liệu(HTML) 100 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 96Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 97Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 98Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 99Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 100Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 101Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 102Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 103Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 247 page
background image
6.12.3 System Timing
For more details about features and additional description information on the subsystem multiplexing signals,
see the corresponding subsections within Signal Descriptions and Detailed Description sections.
6.12.3.1 Reset Timing
Tables and figures provided in this section define timing conditions, timing requirements, and switching
characteristics for reset related signals.
Table 6-7. Reset Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
VDD(1) = 1.8V
0.0018
V/ns
VDD(1) = 3.3V
0.0033
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
30
pF
(1)
VDD stands for corresponding power supply. For more information on the power supply name and the corresponding ball(s), see
POWER column of the Pin Attributes table.
Table 6-8. MCU_PORz Timing Requirements
see Figure 6-7
NO.
PARAMETER
MIN
MAX UNIT
RST1
th(SUPPLIES_VALID - MCU_PORz)
Hold time, MCU_PORz active (low) at Power-up
after supplies valid (using external crystal circuit)
9500000
ns
RST2
Hold time, MCU_PORz active (low) at Power-up
after supplies valid and external clock stable (using
external LVCMOS clock source)
1200
ns
RST3
tw(MCU_PORzL)
Pulse Width, MCU_PORz low after Power-up
(without removal of Power or system reference
clock MCU_OSC0_XI/XO)
1200
ns
Figure 6-7. MCU_PORz Timing Requirements
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
www.ti.com
100
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com