| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMC0X02R bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AMC0X02R bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 36 page ![]() Table 7-1 lists the operating modes. Table 7-1. Device Operational Modes OPERATING CONDITION VDD1 VDD2 VIN DEVICE RESPONSE Off Don't care VDD2 < VDD2UV Don't care OUT is in Hi-Z state. Internally, OUT is clamped to VDD2 and GND2 by ESD protection diodes. Missing high-side supply VDD1 < VDD1UV Valid(1) Don't care The OUT pin is driven to VREFIN / 2. Input overrange Valid(1) Valid(1) VIN > VClipping, MAX The device outputs VREFIN at the OUT pin. Input underrange Valid(1) Valid(1) VIN < VClipping, MIN The OUT pin is driven to GND2. Normal operation Valid(1) Valid(1) Valid(1) The device outputs a voltage that is proportional to the input voltage. (1) Valid denotes operation within the recommended operating conditions. AMC0202R, AMC0302R SBASB40 – DECEMBER 2025 www.ti.com 28 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AMC0202R AMC0302R |