| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DCR1673SA bảng dữ liệu(PDF) 2 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
DCR1673SA bảng dữ liệu(HTML) 2 Page - Dynex Semiconductor |
|
2 / 8 page ![]() DCR1673SA 2/8 www.dynexsemi.com CURRENT RATINGS T case = 80˚C unless stated otherwise Symbol Parameter Conditions Double Side Cooled I T(AV) Mean on-state current I T(RMS) RMS value I T Continuous (direct) on-state current Single Side Cooled (Anode side) I T(AV) Mean on-state current I T(RMS) RMS value I T Continuous (direct) on-state current Units Max. Half wave resistive load 3990 A - 6320 A - 5570 A Half wave resistive load 2540 A - 3980 A - 3250 A CURRENT RATINGS T case = 60˚C unless stated otherwise Symbol Parameter Conditions Double Side Cooled I T(AV) Mean on-state current I T(RMS) RMS value I T Continuous (direct) on-state current Single Side Cooled (Anode side) I T(AV) Mean on-state current I T(RMS) RMS value I T Continuous (direct) on-state current Units Max. Half wave resistive load 5088 A - 7995 A - 7280 A Half wave resistive load 3300 A - 5180 A - 4350 A |