| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5706PAPRG4 bảng dữ liệu(PDF) 57 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5706PAPRG4 bảng dữ liệu(HTML) 57 Page - Texas Instruments |
|
57 / 62 page ![]() www.ti.com LOUDNESS BIQUAD GAIN INVERSE REGISTER (0x26) LOUDNESS SCALE REGISTER (0x28) TAS5706 SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007 Table 24. PWM Output Mux Register (0x25) (continued) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 1 1 – – – – Multiplex channel 4 to OUT_C 0 1 0 0 – – – – Multiplex channel 5 to OUT_C 0 1 0 1 – – – – Multiplex channel 6 to OUT_C – – – – 0 0 0 0 Multiplex channel 1 to OUT_D – – – – 0 0 0 1 Multiplex channel 2 to OUT_D – – – – 0 0 1 0 Multiplex channel 3 to OUT_D – – – – 0 0 1 1 Multiplex channel 4 to OUT_D (1) – – – – 0 1 0 0 Multiplex channel 5 to OUT_D – – – – 0 1 0 1 Multiplex channel 6 to OUT_D D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 0 0 0 – – – Multiplex channel 1 to SUB_PWM– 0 0 0 1 – – – – Multiplex channel 2 to SUB_PWM– 0 0 1 0 – – – – Multiplex channel 3 to SUB_PWM– 0 0 1 1 – – – – Multiplex channel 4 to SUB_PWM– 0 1 0 0 – – – – Multiplex channel 5 to SUB_PWM– (2) 0 1 0 1 – – – – Multiplex channel 6 to SUB_PWM– – – – – 0 0 0 0 Multiplex channel 1 to SUB_PWM+ – – – – 0 0 0 1 Multiplex channel 2 to SUB_PWM+ – – – – 0 0 1 0 Multiplex channel 3 to SUB_PWM+ – – – – 0 0 1 1 Multiplex channel 4 to SUB_PWM+ – – – – 0 1 0 0 Multiplex channel 5 to SUB_PWM+ – – – – 0 1 0 1 Multiplex channel 6 to SUB_PWM+ (2) (2) Default values are in bold. Bit D6 of the volume configuration register (0x0E) enables/disables gain compensation for BQ1. D6 = 0 disables gain compensation (default); D6 = 1 enables gain compensation. Max/min biquad gain = ±4. Table 25. Loudness Biquad Gain Inverse Register (3.23 Format) CONTENT DEFINITION u[31:26], x[25:0] 1/G (1) (1) G = gain of the biquad Table 26. Loudness Scale Register (3.23 Format) CONTENT DEFINITION u[31:26], x[25:0] Scale = 1/(1 – 1/G) (1) (1) G = gain of the biquad Copyright © 2007, Texas Instruments Incorporated Submit Documentation Feedback 57 Product Folder Link(s): TAS5706 |