| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CY74FCT162H245CTPVC bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CY74FCT162H245CTPVC bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 17 page ![]() CY74FCT16245T CY74FCT162245T CY74FCT162H245T 5 ] Switching Characteristics Over the Operating Range[14] Description 74FCT16245T 74FCT162245T 74FCT16245AT 74FCT162245AT 74FCT162H245AT Fig. No.[15] Parameter Min. Max. Min. Max. Unit tPLH tPHL Propagation Delay Data to Output A to B, B to A 1.5 7.0 1.5 4.5 ns 1, 3 tPZH tPZL Output Enable Time OE to A or B 1.5 9.5 1.5 6.2 ns 1, 7, 8 tPHZ tPLZ Output Disable Time OE to A or B 1.5 7.5 1.5 5.0 ns 1, 7, 8 tPZH tPZL Output Enable Time DIR to A or B 1.5 9.5 1.5 6.2 ns 1, 7, 8 tPHZ tPLZ Output Disable Time DIR to A or B 1.5 7.5 1.5 5.0 ns 1, 7, 8 tSK(O) Output Skew[16] 0.5 0.5 ns — Description 74FCT16245CT 74FCT162245CT 74FCT162H245CT Fig. No.[15] Parameter Min. Max. Unit tPLH tPHL Propagation Delay Data to Output A to B, B to A 1.5 4.1 ns 1, 3 tPZH tPZL Output Enable Time OE to A or B 1.5 5.8 ns 1, 7, 8 tPHZ tPLZ Output Disable Time OE to A or B 1.5 4.8 ns 1, 7, 8 tPZH tPZL Output Enable Time DIR to A or B 1.5 5.8 ns 1, 7, 8 tPHZ tPLZ Output Disable Time DIR to A or B 1.5 4.8 ns 1, 7, 8 tSK(O) Output Skew[16] 0.5 ns — Note: 14. Minimum limits are specified but not tested on Propagation Delays. 15. See “Parameter Measurement Information” in the General Information section. 16. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design. Ordering Information CY74FCT16245 Speed (ns) Ordering Code Package Name Package Type Operating Range 4.1 CY74FCT16245CTPACT Z48 48-Lead (240-Mil) TSSOP Industrial CY74FCT16245CTPVC/PVCT O48 48-Lead (300-Mil) SSOP 4.5 CY74FCT16245ATPACT Z48 48-Lead (240-Mil) TSSOP Industrial CY74FCT16245ATPVC/PVCT O48 48-Lead (300-Mil) SSOP 7.0 CY74FCT16245TPACT Z48 48-Lead (240-Mil) TSSOP Industrial CY74FCT16245TPVC/PVCT O48 48-Lead (300-Mil) SSOP |