công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PESD4USB3B-TTSAX bảng dữ liệu(PDF) 2 Page - Nexperia B.V. All rights reserved

tên linh kiện PESD4USB3B-TTSAX
Giải thích chi tiết về linh kiện  ESD protection for high-speed interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD4USB3B-TTSAX bảng dữ liệu(HTML) 2 Page - Nexperia B.V. All rights reserved

  PESD4USB3B-TTSAX Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD4USB3B-TTSAX Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD4USB3B-TTSAX Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD4USB3B-TTSAX Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD4USB3B-TTSAX Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD4USB3B-TTSAX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD4USB3B-TTSAX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD4USB3B-TTSAX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD4USB3B-TTSAX Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Nexperia
PESD4USB3B-TTS
ESD protection for high-speed interfaces
4. Pinning information
Table 1. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
CH1
channel 1 ESD protection
2
CH2
channel 2 ESD protection
3
GND
ground
4
CH3
channel 3 ESD protection
5
CH4
channel 4 ESD protection
6
n.c.
not connected
7
n.c.
no connection
8
GND
ground
9
n.c.
not connected
10
n.c.
not connected
10 9
8
7
6
1
2
Transparent top view
3
4
5
DFN2510D (SOT1165D)
aaa-019396
CH1
CH2
CH3
CH4
GND
=
5. Ordering information
Table 2. Ordering information
Package
Type number
Name
Description
Version
PESD4USB3B-TTS
DFN2510D
plastic, leadless thin small outline package with Side-Wettable
Flanks (SWF); 10 terminals; 0.5 mm pitch; 2.5 mm x 1 mm x 0.75
mm body
SOT1165D
6. Marking
Table 3. Marking codes
Type number
Marking code
PESD4USB3B-TTS
B3B
PESD4USB3B-TTS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
15 March 2021
2 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com